| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M61311SP Datasheet(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M61311SP Datasheet(HTML) 4 Page - Renesas Technology Corp |
|
4 / 27 page ![]() M61311SP/M61316SP REJ03F0199-0201 Rev.2.01 Mar 31, 2008 Page 4 of 26 Absolute Maximum Ratings (Ta = 25 °C) Item Symbol Ratings Unit Supply voltage (pin 3, 29) VCC12 13.0 V Supply voltage (pin 11) VCC5 6.0 V Power dissipation Pd 2358 mW Ambient temperature Topr −20 to +75 °C Storage temperature Tstg −40 to +150 °C Recommended supply 12 Vopr12 12.0 V Recommended supply 5 Vopr5 5.0 V Voltage range 12 Vopr'12 11.5 to 12.5 V Voltage range 5 Vopr'5 4.75 to 5.25 V Ambient Temperature Ta (°C) Thermal Derating (Maximum Rating) 2800 0 800 1200 1600 400 2000 2400 2358 −25 0 25 50 75 100 125 150 1415 |