| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TDA8174 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA8174 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 5 page ![]() TDA8174 TDA8174W VERTICAL DEFLECTION CIRCUIT April 1996 . RAMP GENERATOR . INDEPENDENT AMPLITUDE ADJUSTEMENT . BUFFER STAGE . POWER AMPLIFIER . FLYBACK GENERATOR . INTERNAL REFERENCE VOLTAGE . THERMAL PROTECTION MULTIWA TT11 (Plastic Package) ORDER CODE :TDA8174 6 POWER OUTPUT OUTPUT STAGE V S TRIGGER INPUT HEIGHT ADJUSTMENT N.C. GROUND RAMP GENERATOR BUFFER OUTPUT INVERTING INPUT V S FLYBACK GENERATOR 11 10 9 8 7 5 4 3 2 1 PIN CONNECTIONS (top view) DESCRIPTION TDA8174 and TDA8174W are a monolithic inte- grated circuits. It is a full performance and very efficient vertical deflection circuit intended for direct drive of a TV picture tube in Color and B & W television as well as in Monitor and Data displays. CLIPWATT11 (Plastic Package) ORDER CODE :TDA8174W 1/5 |
Número de pieza similar - TDA8174 |
|
Descripción similar - TDA8174 |