| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TDA7427A Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7427A Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 21 page ![]() ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VDD1 Supply Voltage - 0.3 to + 7 V VDD2 Supply Voltage - 0.3 to + 11 V Ptot Total Power Dissipation 300 mW Tstg Storage Temperature - 55 to + 150 oC Tamb Ambient Temperature -40 to + 85 oC THERMAL DATA Symbol Parameter TSSOP28 SO 28 Unit Rth j-amb Thermal Resistance Junction-Ambient 160 65 oC/W LP_FM LP_HC LP_AM VREF DOUT3 DOUT5 DOUT4 DOUT6 OSCIN ADDR VDD1 GND-DIG FM_IN N.C. AM_IN GND-AN VDD2 LPOUT 1 3 2 4 5 6 7 8 9 26 25 24 23 22 20 21 19 27 10 28 OSCOUT HFREF D95AU374C N.C. SCL SDA SSTOP DOUT1/INLOCK DOUT2 11 12 13 18 16 17 15 14 IF_AM IF_FM PIN CONNECTION TDA7427A 2/21 |