| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TDA7338 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7338 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 11 page ![]() TDA7338 STEREO DECODER INTEGRATED 19KHz SC NOTCH FILTER FOR PILOT CANCELLATION ON CHIP FILTER FOR PILOT DETECTOR AND PLL ADJUSTMENT FREE VOLTAGE CONTROL- LED OSCILLATOR AUTOMATIC PILOT DEPENDENT MONO/ STEREO SWITCHING NOISE BLANKING WITH PROGRAMMABLE THRESHOLD HIGH CUT CONTROL AND STEREO BLEND INTEGRATED HIGH PASS FILTER FOR IN- TERFERENCE DETECTOR LEVEL INPUT FOR ADDITIONAL SPIKE DE- TECTION ON FIELDSTRENGHT SIGNAL VERY HIGH SUPPRESSION OF HARMONIC AND INTERFERENCE SIGNALS DESCRIPTION The TDA7338 is a new concept of monolithic inte- grated stereo decoder with noise blanking for FM car radio applications. With the used BICMOS technique, the 19KHz Notch Filter, the PLL Filter and Phase Filter is re- alized on the chip with a Switched Capacitor con- cept. Avoiding the use of multipliers and non linear cir- cuits a very high performance in terms of noise suppression and total harmonic distortion is reached. December 1996 ORDERING NUMBER: TDA7338(DIP20) TDA7338D( SO20) SO20 DIP20 PIN CONNECTION (Top view) 1/11 |
Número de pieza similar - TDA7338 |
|
Descripción similar - TDA7338 |