Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA7286 Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza TDA7286
Descripción Electrónicos  SINGLE CHIP PREAMPLIFIER FOR DOUBLE DECK RADIO CASSETTE RECORDER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7286 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7286 Datasheet HTML 1Page - STMicroelectronics TDA7286 Datasheet HTML 2Page - STMicroelectronics TDA7286 Datasheet HTML 3Page - STMicroelectronics TDA7286 Datasheet HTML 4Page - STMicroelectronics TDA7286 Datasheet HTML 5Page - STMicroelectronics TDA7286 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SO20 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.1
0.3
0.004
0.012
a2
2.45
0.096
b
0.35
0.49
0.014
0.019
b1
0.23
0.32
0.009
0.013
C
0.5
0.020
c1
45 (typ.)
D
12.6
13.0
0.496
0.512
E
10
10.65
0.394
0.419
e
1.27
0.050
e3
11.43
0.450
F
7.4
7.6
0.291
0.299
L
0.5
1.27
0.020
0.050
M
0.75
0.030
S
8 (max.)
TDA7286
4/6



Html Pages

1 2 3 4 5 6