Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA2822 Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza TDA2822
Descripción Electrónicos  DUAL POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2822 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA2822 Datasheet HTML 3Page - STMicroelectronics TDA2822 Datasheet HTML 4Page - STMicroelectronics TDA2822 Datasheet HTML 5Page - STMicroelectronics TDA2822 Datasheet HTML 6Page - STMicroelectronics TDA2822 Datasheet HTML 7Page - STMicroelectronics TDA2822 Datasheet HTML 8Page - STMicroelectronics TDA2822 Datasheet HTML 9Page - STMicroelectronics TDA2822 Datasheet HTML 10Page - STMicroelectronics TDA2822 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Figure 14 : Application Circuit for Portable Radios.
MOUNTING INSTRUCTION
The Rth j-amb of the TDA2822 can be reduced by sol-
dering the GND pins to a suitable copper area of the
printed circuit board (Figure 15) or to an external
heatsink (Figure 16).
The diagram of Figure 17 shows the maximum dis-
sipable power Ptot and the Rth j-amb as a function of
the side ”
∂” oftwoequalsquarecopperareas having
a thickness of 35
µ (1.4 mils).
During soldering the pins temperature must not ex-
ceed 260
°C and the soldering time must not be
longer than 12 seconds.
The external heatsink or printed circuit copper area
must be connected to electrical ground.
Figure 15 : Example of P.C. Board Copper Area
which is used as Heatsink.
Figure 16 : External Heatsink Mounting Example.
TDA2822
8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11