| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
10WQ045FN035PBF Datasheet(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
10WQ045FN035PBF Datasheet(HTML) 2 Page - Vishay Siliconix |
|
2 / 6 page ![]() www.vishay.com For technical questions, contact: diodes-tech@vishay.com Document Number: 94122 2 Revision: 16-Apr-08 10WQ045FNPbF Vishay High Power Products Schottky Rectifier, 10 A Note (1) Pulse width < 300 µs, duty cycle < 2 % Note (1) thermal runaway condition for a diode on its own heatsink ELECTRICAL SPECIFICATIONS PARAMETER SYMBOL TEST CONDITIONS VALUES UNITS Maximum forward voltage drop See fig. 1 VFM (1) 10 A TJ = 25 °C 0.63 V 20 A 0.80 10 A TJ = 125 °C 0.53 20 A 0.71 Maximum reverse leakage current See fig. 2 IRM (1) TJ = 25 °C VR = Rated VR 1 mA TJ = 125 °C 15 Threshold voltage VF(TO) TJ = TJ maximum 0.255 V Forward slope resistance rt 22 m Ω Typical junction capacitance CT VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C 760 pF Typical series inductance LS Measured lead to lead 5 mm from package body 5.0 nH THERMAL - MECHANICAL SPECIFICATIONS PARAMETER SYMBOL TEST CONDITIONS VALUES UNITS Maximum junction and storage temperature range TJ (1), TStg - 40 to 175 °C Maximum thermal resistance, junction to case RthJC DC operation See fig. 4 2.0 °C/W Maximum thermal resistance, junction to ambient RthJA 50 Approximate weight 0.3 g 0.01 oz. Marking device Case style D-PAK (similar to TO-252AA) 10WQ045FN dP tot dT J ------------- 1 R thJA -------------- < |