| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M30624FGLGP Datasheet(PDF) 97 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30624FGLGP Datasheet(HTML) 97 Page - Renesas Technology Corp |
|
97 / 621 page ![]() Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER DMAC 82 (3) The priorities of channels and DMA transfer timing If a DMA transfer request signal falls on a single sampling cycle (a sampling cycle means one period from the leading edge to the trailing edge of BCLK), the DMA request bits of applicable channels concurrently turn to "1". If the channels are active at that moment, DMA0 is given a high priority to start data transfer. When DMA0 finishes data transfer, it gives the bus right to the CPU. When the CPU finishes single bus access, then DMA1 starts data transfer and gives the bus right to the CPU. An example in which DMA transfer is carried out in minimum cycles at the time when DMA transfer request signals due to external factors concurrently occur. Figure 1.16.6 An example of DMA transfer effected by external factors. BCLK DMA0 DMA1 DMA0 request bit DMA1 request bit CPU INT0 INT1 Obtainm ent of the bus right An example in which DMA transmission is carried out in minimum cycles at the time when DMA transmission request signals due to external factors concurrently occur. Figure 1.16.6. An example of DMA transfer effected by external factors |