| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R8C15 Datasheet(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C15 Datasheet(HTML) 49 Page - Renesas Technology Corp |
|
49 / 277 page ![]() R8C/14 Group, R8C/15 Group 8. Bus Rev.2.10 Jan 19, 2006 Page 37 of 253 REJ09B0164-0210 8. Bus During access, the ROM/RAM and SFR vary from bus cycles. Table 8.1 lists Bus Cycles for Access Space of the R8C/14 Group and Table 8.2 lists Bus Cycles for Access Space of the R8C/15 Group. The ROM/RAM and SFR are connected to the CPU through an 8-bit bus. When accessing in word-(16 bits) unit, these area are accessed twice in 8-bit unit. Table 8.3 lists Access Unit and Bus Operation. Table 8.3 Access Unit and Bus Operation Table 8.1 Bus Cycles for Access Space of the R8C/14 Group Access Area Bus Cycle SFR 2 cycles of CPU clock ROM/RAM 1 cycle of CPU clock Table 8.2 Bus Cycles for Access Space of the R8C/15 Group Access Area Bus Cycle SFR/Data flash 2 cycles of CPU clock Program ROM/RAM 1 cycle of CPU clock Area SFR, Data flash Even Address Byte Access ROM (Program ROM), RAM Odd Address Byte Access Even Address Word Access Odd Address Word Access CPU Clock Data Data Data Data Data Data Data Data Data Even Even Odd Odd Even+1 Even Odd+1 Odd Address Even+1 Odd+1 Odd Data Data Even Data CPU Clock Data Address CPU Clock Data Address CPU Clock Data Address Data CPU Clock Address Data CPU Clock Address Data CPU Clock Address Data CPU Clock Address Data |