| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SH-2 Datasheet(PDF) 70 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH-2 Datasheet(HTML) 70 Page - Renesas Technology Corp |
|
70 / 919 page ![]() 44 Table 2.13 Arithmetic Operation Instructions (cont) Instruction Instruction Code Operation Execu- tion Cycles T Bit DMULS.L Rm,Rn 0011nnnnmmmm1101 Signed operation of Rn × Rm → MACH, MACL 32 × 32 → 64 bit 2 to 4* — DMULU.L Rm,Rn 0011nnnnmmmm0101 Unsigned operation of Rn × Rm → MACH, MACL 32 × 32 → 64 bit 2 to 4* — DT Rn 0100nnnn00010000 Rn – 1 → Rn, when Rn is 0, 1 → T. When Rn is nonzero, 0 → T 1 Comparison result EXTS.B Rm,Rn 0110nnnnmmmm1110 A byte in Rm is sign- extended → Rn 1 — EXTS.W Rm,Rn 0110nnnnmmmm1111 A word in Rm is sign- extended → Rn 1 — EXTU.B Rm,Rn 0110nnnnmmmm1100 A byte in Rm is zero- extended → Rn 1 — EXTU.W Rm,Rn 0110nnnnmmmm1101 A word in Rm is zero- extended → Rn 1 — MAC.L @Rm+,@Rn+ 0000nnnnmmmm1111 Signed operation of (Rn) × (Rm) +MAC → MAC 32 × 32 → 64 bit 3/(2 to 4)* — MAC.W @Rm+,@Rn+ 0100nnnnmmmm1111 Signed operation of (Rn) × (Rm) + MAC → MAC 16 × 16 + 64 → 64 bit 3/(2)* — MUL.L Rm,Rn 0000nnnnmmmm0111 Rn × Rm → MACL, 32 × 32 → 32 bit 2 to 4* — MULS.W Rm,Rn 0010nnnnmmmm1111 Signed operation of Rn × Rm → MAC 16 × 16 → 32 bit 1 to 3* — MULU.W Rm,Rn 0010nnnnmmmm1110 Unsigned operation of Rn × Rm → MAC 16 × 16 → 32 bit 1 to 3* — NEG Rm,Rn 0110nnnnmmmm1011 0–Rm → Rn 1 — NEGC Rm,Rn 0110nnnnmmmm1010 0–Rm–T → Rn, Borrow → T 1 Borrow |