Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STX83003 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza STX83003
Descripción Electrónicos  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STX83003 Datasheet(HTML) 6 Page - STMicroelectronics

  STX83003 Datasheet HTML 1Page - STMicroelectronics STX83003 Datasheet HTML 2Page - STMicroelectronics STX83003 Datasheet HTML 3Page - STMicroelectronics STX83003 Datasheet HTML 4Page - STMicroelectronics STX83003 Datasheet HTML 5Page - STMicroelectronics STX83003 Datasheet HTML 6Page - STMicroelectronics STX83003 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.32
4.95
0.170
0.195
b
0.36
0.51
0.014
0.020
D
4.45
4.95
0.175
0.194
E
3.30
3.94
0.130
0.155
e
2.41
2.67
0.095
0.105
e1
1.14
1.40
0.045
0.055
L
12.70
15.49
0.500
0.609
R
2.16
2.41
0.085
0.094
S1
1.14
1.52
0.045
0.059
W
0.41
0.56
0.016
0.022
V
4 degree
6 degree
4 degree
6 degree
TO-92 MECHANICAL DATA
STX83003
6/7



Html Pages

1 2 3 4 5 6 7