Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

H8/3024F Datasheet(PDF) 35 Page - Renesas Technology Corp

No. de pieza H8/3024F
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 31Page - Renesas Technology Corp H8/3024F Datasheet HTML 32Page - Renesas Technology Corp H8/3024F Datasheet HTML 33Page - Renesas Technology Corp H8/3024F Datasheet HTML 34Page - Renesas Technology Corp H8/3024F Datasheet HTML 35Page - Renesas Technology Corp H8/3024F Datasheet HTML 36Page - Renesas Technology Corp H8/3024F Datasheet HTML 37Page - Renesas Technology Corp H8/3024F Datasheet HTML 38Page - Renesas Technology Corp H8/3024F Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 841 page
background image
Rev. 2.00 Sep 20, 2005 page xxxv of xxxviii
Table 8.7 (b) 16-bit timer Operating Modes (Channel 1).......................................................... 269
Table 8.7 (c) 16-bit timer Operating Modes (Channel 2).......................................................... 270
Section 9 8-Bit Timers
Table 9.1
8-Bit Timer Pins .................................................................................................. 274
Table 9.2
8-Bit Timer Registers .......................................................................................... 275
Table 9.3
Operation of Channels 0 and 1 when Bit ICE is Set to 1 in 8TCSR1 Register.... 285
Table 9.4
Operation of Channels 2 and 3 when Bit ICE is Set to 1 in 8TCSR3 Register.... 285
Table 9.5
Types of 8-Bit Timer Interrupt Sources and Priority Order................................. 298
Table 9.6
8-Bit Timer Interrupt Sources.............................................................................. 298
Table 9.7
Timer Output Priority Order ................................................................................ 307
Table 9.8
Internal Clock Switchover and 8TCNT Operation .............................................. 308
Section 10 Programmable Timing Pattern Controller (TPC)
Table 10.1
TPC Pins .............................................................................................................. 313
Table 10.2
TPC Registers ...................................................................................................... 314
Table 10.3
TPC Operating Conditions .................................................................................. 328
Section 11 Watchdog Timer
Table 11.1
WDT Pin.............................................................................................................. 338
Table 11.2
WDT Registers .................................................................................................... 339
Table 11.3
Read Addresses of TCNT, TCSR, and RSTCSR................................................. 345
Section 12 Serial Communication Interface
Table 12.1
SCI Pins ............................................................................................................... 354
Table 12.2
SCI Registers ....................................................................................................... 355
Table 12.3
Examples of Bit Rates and BRR Settings in Asynchronous Mode...................... 373
Table 12.4
Examples of Bit Rates and BRR Settings in Synchronous Mode ........................ 376
Table 12.5
Maximum Bit Rates for Various Frequencies (Asynchronous Mode)................. 378
Table 12.6
Maximum Bit Rates with External Clock Input (Asynchronous Mode).............. 379
Table 12.7
Maximum Bit Rates with External Clock Input (Synchronous Mode) ................ 380
Table 12.8
SMR Settings and Serial Communication Formats ............................................. 382
Table 12.9
SMR and SCR Settings and SCI Clock Source Selection.................................... 382
Table 12.10
Serial Communication Formats (Asynchronous Mode) ...................................... 384
Table 12.11
Receive Error Conditions .................................................................................... 391
Table 12.12
SCI Interrupt Sources .......................................................................................... 408
Table 12.13
SSR Status Flags and Transfer of Receive Data .................................................. 409
Section 13 Smart Card Interface
Table 13.1
Smart Card Interface Pins .................................................................................... 417
Table 13.2
Smart Card Interface Registers ............................................................................ 417