| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8SX/1663M Datasheet(PDF) 788 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 788 Page - Renesas Technology Corp |
|
788 / 1504 page ![]() Section 14 16-Bit Timer Pulse Unit (TPU) Rev. 2.00 Sep. 24, 2008 Page 756 of 1468 REJ09B0412-0200 14.5 Interrupt Sources There are three kinds of TPU interrupt sources: TGR input capture/compare match, TCNT overflow, and TCNT underflow. Each interrupt source has its own status flag and enable/disable bit, allowing generation of interrupt request signals to be enabled or disabled individually. When an interrupt request is generated, the corresponding status flag in TSR is set to 1. If the corresponding enable/disable bit in TIER is set to 1 at this time, an interrupt is requested. The interrupt request is cleared by clearing the status flag to 0. Relative channel priority levels can be changed by the interrupt controller, but the priority within a channel is fixed. For details, see section 7, Interrupt Controller. Table 14.38 lists the TPU interrupt sources. Table 14.38 TPU Interrupts Channel Name Interrupt Source Interrupt Flag DTC Activation DMAC Activation TGI0A TGRA_0 input capture/compare match TGFA_0 Possible Possible TGI0B TGRB_0 input capture/compare match TGFB_0 Possible Not possible TGI0C TGRC_0 input capture/compare match TGFC_0 Possible Not possible TGI0D TGRD_0 input capture/compare match TGFD_0 Possible Not possible 0 TCI0V TCNT_0 overflow TCFV_0 Not possible Not possible TGI1A TGRA_1 input capture/compare match TGFA_1 Possible Possible TGI1B TGRB_1 input capture/compare match TGFB_1 Possible Not possible TCI1V TCNT_1 overflow TCFV_1 Not possible Not possible 1 TCI1U TCNT_1 underflow TCFU_1 Not possible Not possible TGI2A TGRA_2 input capture/compare match TGFA_2 Possible Possible TGI2B TGRB_2 input capture/compare match TGFB_2 Possible Not possible TCI2V TCNT_2 overflow TCFV_2 Not possible Not possible 2 TCI2U TCNT_2 underflow TCFU_2 Not possible Not possible |