| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD64F38004 Datasheet(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F38004 Datasheet(HTML) 21 Page - Renesas Technology Corp |
|
21 / 555 page ![]() Rev. 6.00 Mar 15, 2005 page xxi of l Item Page Revisions (See Manual for Details) 9.4.6 Usage Notes 248, 249 Description amended 2. The maximum clock frequency that may be input to the AEVH and AEVL pins is 16 MHz* 1. Furthermore, the clock high width and low width should be half or more the OSC clock cycle time. The duty ratio does not matter as long as the high width and low width satisfy the minimum requirement. Mode Maximum Clock Frequency Input to AEVH/AEVL Pin Watch, subactive, subsleep, standby φW = 32.768 kHz or 38.4 kHz*2 ( φW/2) ( φW/4) ( φW/8) 1000 kHz 500 kHz 250 kHz Notes: 1. Up to 10 MHz in the H8/38004, H8/38002S Group. 2. Does not apply to H8/38104 Group. 9.5 Watchdog Timer 250 Description amended However, as shown in watchdog timer block diagrams figure 9.12 (1) and figure 9.12 (2), the implementation differs in the H8/38004, H8/38002S Group and the H8/38104 Group. 9.5.1 Features Description amended • Selectable from two counter input clocks (H8/38004, H8/38002S Group). Figure 9.12(1) Block Diagram of Watchdog Timer (H8/38004, H8/38002S Group) Title amended 9.5.2 Register Descriptions Timer Control/Status Register W (TCSRW) 253 Notes amended Notes: 2.Initial value 0 on H8/38004, H8/38002S Group and 1 on H8/38104 Group. 3.On reset, cleared to 0 on H8/38004, H8/38002S Group and set to 1 on H8/38104 Group. 9.5.3 Operation 254 Description amended The input clock is selected by the WDCKS bit in the port mode register 2 (PMR2)*: On the H8/38004, H8/38002S Group, φ/8192 is selected when the WDCKS bit is cleared to 0, and φw/32 when set to 1. |