Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R5F72115D160FPV Datasheet(PDF) 20 Page - Renesas Technology Corp

No. de pieza R5F72115D160FPV
Descripción Electrónicos  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 16Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 17Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 18Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 19Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 20Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 21Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 22Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 23Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 1228 page
background image
Rev. 2.00 May. 08, 2008 Page xx of xxiv
REJ09B0344-0200
17.4.6 Example of ADDR Auto-Clear Function.............................................................. 788
17.5
Interrupt Sources and DMAC Transfer Requests .............................................................. 790
17.6
Definitions of A/D Conversion Accuracy.......................................................................... 791
17.7
Usage Notes ....................................................................................................................... 793
17.7.1 Analog Input Voltage Range ................................................................................ 793
17.7.2 Relationship between AVcc, AVss and Vcc, Vss................................................. 793
17.7.3 Range of AVREF Pin Settings.............................................................................. 793
17.7.4 Notes on Board Design ......................................................................................... 793
17.7.5 Notes on Noise Countermeasures ......................................................................... 794
17.7.6 Notes on Register Setting ..................................................................................... 794
17.7.7 Treatment of AVcc and AVss When the A/D Converter is Not Used .................. 794
Section 18 D/A Converter (DAC) ....................................................................... 795
18.1
Features.............................................................................................................................. 795
18.2
Input/Output Pins ............................................................................................................... 796
18.3
Register Descriptions ......................................................................................................... 797
18.3.1 D/A Data Registers 0 and 1 (DADR0 and DADR1)............................................. 797
18.3.2 D/A Control Register (DACR) ............................................................................. 798
18.4
Operation ........................................................................................................................... 800
18.5
Usage Notes ....................................................................................................................... 801
18.5.1 Module Standby Mode Setting ............................................................................. 801
18.5.2 D/A Output Hold Function in Software Standby Mode........................................ 801
18.5.3 Setting Analog Input Voltage ............................................................................... 801
Section 19 Pin Function Controller (PFC) .......................................................... 803
19.1
Register Descriptions ......................................................................................................... 809
19.1.1 Port A I/O Registers H, L (PAIORH, PAIORL)................................................... 811
19.1.2 Port A Control Registers H1 to H3, L1 to L4
(PACRH1 to PACRH3, PACRL1 to PACRL4) ................................................... 812
19.1.3 Port B I/O Registers H, L (PBIORH, PBIORL) ................................................... 827
19.1.4 Port B Control Registers H1 to H4, L1 to L4
(PBCRH1 to PBCRH4, PBCRL1 to PBCRL4) .................................................... 828
19.1.5 Port D I/O Register (PDIOR)................................................................................ 844
19.1.6 Port D Control Registers L1 to L4 (PDCRL1 to PDCRL4).................................. 844
19.1.7 Port F Control Register L1 (PFCRL1).................................................................. 857
19.1.8 IRQOUT Function Control Register (IFCR) ........................................................ 859
19.1.9 WAVE Function Control Registers 1, 2 (WAVECR1, WAVECR2) ................... 860
Section 20 I/O Ports............................................................................................. 863
20.1
Port A................................................................................................................................. 863