| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R8C2H Datasheet(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2H Datasheet(HTML) 21 Page - Renesas Technology Corp |
|
21 / 367 page ![]() Rev.1.00 Mar 28, 2008 Page 1 of 341 REJ09B0388-0100 R8C/2H Group, R8C/2J Group RENESAS MCU 1. Overview 1.1 Features The R8C/2H Group and R8C/2J Group of single-chip MCUs incorporate the R8C/Tiny Series CPU core, employing sophisticated instructions for a high level of efficiency. With 1 Mbyte of address space, and it is capable of executing instructions at high speed. In addition, the CPU core boasts a multiplier for high-speed operation processing. Power consumption is low, and the supported operating modes allow additional power control. These MCUs also use an anti-noise configuration to reduce emissions of electromagnetic noise and are designed to withstand EMI. Integration of many peripheral functions, including multifunction timer and serial interface, reduces the number of system components. 1.1.1 Applications Electric power meters, electronic household appliances, office equipment, audio equipment, consumer equipment, etc. 1.1.2 Specifications Table 1.1 outlines the Specifications for R8C/2H Group and Table 1.2 outlines the Specifications for R8C/2J Group. REJ09B0388-0100 Rev.1.00 Mar 28, 2008 |