Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STV9428 Datasheet(PDF) 19 Page - STMicroelectronics

No. de pieza STV9428
Descripción Electrónicos  HIGH SPEED MULTISYNCH ON-SCREEN DISPLAY FOR MONITOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9428 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STV9428 Datasheet HTML 12Page - STMicroelectronics STV9428 Datasheet HTML 13Page - STMicroelectronics STV9428 Datasheet HTML 14Page - STMicroelectronics STV9428 Datasheet HTML 15Page - STMicroelectronics STV9428 Datasheet HTML 16Page - STMicroelectronics STV9428 Datasheet HTML 17Page - STMicroelectronics STV9428 Datasheet HTML 18Page - STMicroelectronics STV9428 Datasheet HTML 19Page - STMicroelectronics STV9428 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
PACKAGE MECHANICAL DATA (STV9428)
20 PINS - PLASTIC DIP
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.254
0.010
B
1.39
1.65
0.055
0.065
b
0.45
0.018
b1
0.25
0.010
D
25.4
1.000
E
8.5
0.335
e
2.54
0.100
e3
22.86
0.900
F
7.1
0.280
I
3.93
0.155
L
3.3
0.130
Z
1.34
0.053
STV9427 - STV9428 - STV9429
19/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20