Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STV5348T Datasheet(PDF) 21 Page - STMicroelectronics

No. de pieza STV5348T
Descripción Electrónicos  MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5348T Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STV5348T Datasheet HTML 14Page - STMicroelectronics STV5348T Datasheet HTML 15Page - STMicroelectronics STV5348T Datasheet HTML 16Page - STMicroelectronics STV5348T Datasheet HTML 17Page - STMicroelectronics STV5348T Datasheet HTML 18Page - STMicroelectronics STV5348T Datasheet HTML 19Page - STMicroelectronics STV5348T Datasheet HTML 20Page - STMicroelectronics STV5348T Datasheet HTML 21Page - STMicroelectronics STV5348T Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
PACKAGE MECHANICAL DATA
28 PINS - PLASTIC DIP
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.63
0.025
b
0.45
0.018
b1
0.23
0.31
0.009
0.012
b2
1.27
0.050
D
37.4
1.470
E
15.2
16.68
0.598
0.657
e
2.54
0.100
e3
33.02
1.300
F
14.1
0.555
I
4.445
0.175
L
3.3
0.130
STV5348 - STV5348/H - STV5348/T
21/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22