Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HSU119 Datasheet(PDF) 2 Page - Renesas Technology Corp

No. de pieza HSU119
Descripción Electrónicos  Silicon Epitaxial Planar Diode for High Speed Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSU119 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HSU119 Datasheet HTML 1Page - Renesas Technology Corp HSU119 Datasheet HTML 2Page - Renesas Technology Corp HSU119 Datasheet HTML 3Page - Renesas Technology Corp HSU119 Datasheet HTML 4Page - Renesas Technology Corp HSU119 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HSU119
Rev.1.00, Mar.22.2004, page 2 of 4
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Peak reverse voltage
VRM
85
V
Reverse voltage
VR
80
V
Peak forward current
IFM
300
mA
Non-Repetitive peak forward surge current
IFSM *
1
4
A
Average rectified current
IO
100
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
–55 to +125
°C
Note:
1. Within 1
µs forward surge current.
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
VF1
—
—
0.8
IF = 10 mA
Forward voltage
VF2
—
—
1.2
V
IF = 100 mA
Reverse current
IR
—
—
0.1
µA
VR = 80 V
Capacitance
C
—
—
2.0
pF
VR = 0 V, f = 1 MHz
Reverse recovery time*
1
trr
—
—
3.0
ns
IF = 10 mA, VR = 6 V, RL = 50
Ω
Note:
1. Reverse recovery time test circuit
3k
Ω
0.1
µF
Ro = 50
Ω
Rin = 50
Ω
DC
Supply
Pulse
Generator
Sampling
Oscilloscope
Trigger



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com