| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M38B74F2 Datasheet(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38B74F2 Datasheet(HTML) 20 Page - Renesas Technology Corp |
|
20 / 110 page ![]() 38B7 Group SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS 19 Fig. 13 Port block diagram (3) (15) Ports P94, P95 RTP output (16) Ports P96, P97 (20) Port PB3 SSTB1 output (18) Ports PB0, PB2 Serial clock input SBUSY1 input SCLK12 output SBUSY1 output PB0 (17) Port PA (19) Port PB1 (21) Ports PB4, PB5 SOUT or SCLK PB4 Data bus Port latch Direction register Pull-up control Real time port control bit A-D conversion input Analog input pin selection bits Data bus Port latch Direction register PWM output selection bit Buzzer control signal Pull-up control A-D conversion input Analog input pin selection bits PWM output Buzzer signal output Data bus Port latch Direction register Pull-up control A-D conversion input Analog input pin selection bits Serial I/O1 selection signal PB1/SRDY1•PB2/SBUSY1 pin control bit D-A converter output D-A output enable bit Data bus Port latch Direction register Pull-up control Pull-up control PB1/SRDY1•PB2/SBUSY1 pin control bit Data bus Port latch Direction register Serial ready output Serial ready input PB3/SSTB1 pin control bit Data bus Port latch Direction register Pull-up control Data bus Port latch Direction register Pull-up control P-channel output disable signal (PB5) Output OFF control signal Serial I/O1 selection signal Serial clock input |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |