| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD404334FS Datasheet(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404334FS Datasheet(HTML) 8 Page - Renesas Technology Corp |
|
8 / 80 page ![]() HD404339 Series 6 Pin Description in PROM Mode The HD4074339 is a PROM version of a ZTAT ™ microcomputer. In PROM mode, the MCU stops operating, thus allowing the user to program the on-chip PROM. Pin Number MCU Mode PROM Mode DP-64S FP-64B Pin I/O Pin I/O 159 R6 0 I/O O 4 I/O 260 R6 1 I/O O 3 I/O 361 R6 2 I/O O 2 I/O 462 R6 3 I/O O 1 I/O 563 R7 0 I/O O 0 I/O 664 R7 1 I/O 71 R7 2 I/O 82 R0 0/ SCK I/O V CC 93 R0 1/SI I/O V CC 10 4 R0 2/SO I/O 11 5 R0 3/TOC I/O 12 6 TEST I V PP 13 7 RESET I RESET I 14 8 OSC 1 IV CC 15 9 OSC 2 O 16 10 GND — GND 17 11 X1 I GND 18 12 X2 O 19 13 AV SS — GND 20 14 R3 0/AN0 I/O O 0 I/O 21 15 R3 1/AN1 I/O O 1 I/O 22 16 R3 2/AN2 I/O O 2 I/O 23 17 R3 3/AN3 I/O O 3 I/O 24 18 R4 0/AN4 I/O O 4 I/O 25 19 R4 1/AN5 I/O O 5 I/O 26 20 R4 2/AN6 I/O O 6 I/O 27 21 R4 3/AN7 I/O O 7 I/O 28 22 R5 0/AN8 I/O 29 23 R5 1/AN9 I/O 30 24 R5 2/AN10 I/O |