Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R5F64112DFB Datasheet(PDF) 82 Page - Renesas Technology Corp

No. de pieza R5F64112DFB
Descripción Electrónicos  RENESAS MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64112DFB Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R5F64112DFB Datasheet HTML 76Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 77Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 78Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 79Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 80Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 81Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 82Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 83Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 84Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 82 / 84 page
background image
R01DS0062EJ0130 Rev.1.30
Page 82 of 93
Mar 3, 2014
R32C/111 Group
5. Electrical Characteristics
VCC1 =VCC2 =3.3 V
Timing Requirements (VCC1 =VCC2 = 3.0 to 3.6 V, VSS =0 V, and Ta =Topr, unless otherwise noted)
Table 5.45
Timer A Input (counting input in event counter mode)
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(TA)
TAiIN input clock cycle time
200
ns
tw(TAH)
TAiIN input high level pulse width
80
ns
tw(TAL)
TAiIN input low level pulse width
80
ns
Table 5.46
Timer A Input (gating input in timer mode)
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(TA)
TAiIN input clock cycle time
400
ns
tw(TAH)
TAiIN input high level pulse width
180
ns
tw(TAL)
TAiIN input low level pulse width
180
ns
Table 5.47
Timer A Input (external trigger input in one-shot timer mode)
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(TA)
TAiIN input clock cycle time
200
ns
tw(TAH)
TAiIN input high level pulse width
80
ns
tw(TAL)
TAiIN input low level pulse width
80
ns
Table 5.48
Timer A Input (external trigger input in pulse-width modulation mode)
Symbol
Characteristic
Value
Unit
Min.
Max.
tw(TAH)
TAiIN input high level pulse width
80
ns
tw(TAL)
TAiIN input low level pulse width
80
ns
Table 5.49
Timer A Input (increment/decrement switching input in event counter mode)
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(UP)
TAiOUT input clock cycle time
2000
ns
tw(UPH)
TAiOUT input high level pulse width
1000
ns
tw(UPL)
TAiOUT input low level pulse width
1000
ns
tsu(UP-TIN)
TAiOUT input setup time
400
ns
th(TIN-UP)
TAiOUT input hold time
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com