| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M35075-XXXFP Datasheet(PDF) 33 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35075-XXXFP Datasheet(HTML) 33 Page - Renesas Technology Corp |
|
33 / 45 page ![]() Rev.1.10 Feb 13, 2006 page 33 of 44 REJ03B0180-0110 M35075-XXXFP Fig.25 Start state / Stop state Fig.26 Control byte configuration DATA INPUT 2 (1) I2C-Bus communication function This IC has a built-in data transmission interface which utilizes 2 unidirectional buses. In communications, this IC functions as a slave reception device. _____ Must connect CS pin to “H” at the time of I2C-Bus communi- cation use. The IC is synchronized with the serial clock (SCL) sent from the master device and receives the data (SDA). Communications are controlled from the start/stop states. Also, always in put the control byte after attaining the start state. The below chart shows the start/stop state and control byte configuration. SCL SDA Start state Stop state Data receive Data modify enable Control byte: 7C16(Fixed) Slave address R/W 011 1 110 0 (0: Written) |