| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD74LS151RPEL Datasheet(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS151RPEL Datasheet(HTML) 1 Page - Renesas Technology Corp |
|
1 / 6 page ![]() Rev.3.00, May 10, 2006, page 1 of 5 HD74LS151 1-of-8 Data Selector / Multiplexer (with strobe) REJ03D0497-0300 Rev.3.00 May 10, 2006 This data selector / multiplexer contains full-on chip binary decoding to select the desired data source. The HD74LS151 selects one-of-eight data sources and has a strove input, which must be at a low logic level to enable this device. A high level at the strove forces the W output high, and the Y output low. Features • Ordering Information Part Name Package Type Package Code (Previous Code) Package Abbreviation Taping Abbreviation (Quantity) HD74LS151P DILP-16 pin PRDP0016AE-B (DP-16FV) P — HD74LS151RPEL SOP-16 pin (JEDEC) PRSP0016DG-A (FP-16DNV) RP EL (2,500 pcs/reel) Note: Please consult the sales office for the above package availability. Pin Arrangement (Top view) VCC GND 15 16 1 2 3 4 5 6 7 14 8 9 10 11 12 13 D3 D2 S C W D0 D1 D4 B A D6 D5 3 2 1 0 Y W Strobe C B A 7 6 5 4 Y D7 Data Inputs Data Select Data Inputs Outputs |
Número de pieza similar - HD74LS151RPEL |
|
Descripción similar - HD74LS151RPEL |