| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD74LS151P Datasheet(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS151P Datasheet(HTML) 2 Page - Renesas Technology Corp |
|
2 / 6 page ![]() HD74LS151 Rev.3.00, May 10, 2006, page 2 of 5 Function Table Inputs Outputs Select C B A Strobe S Y W X X X H L H L L L L D0 D 0 L L H L D1 D 1 L H L L D2 D 2 L H H L D3 D 3 H L L L D4 D 4 H L H L D5 D 5 H H L L D6 D 6 H H H L D7 D 7 H; high level, L; low level, X; irrelevant Block Diagram Output W Output Y Data Select (Binary) Data Inputs D1 D0 Strobe (Enable) D2 D3 D4 D5 D6 D7 A B C Absolute Maximum Ratings Item Symbol Ratings Unit Supply voltage VCC 7 V Input voltage VIN 7 V Power dissipation PT 400 mW Storage temperature Tstg –65 to +150 °C Note: Voltage value, unless otherwise noted, are with respect to network ground terminal. |