Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STPS41L30CG Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza STPS41L30CG
Descripción Electrónicos  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS41L30CG Datasheet(HTML) 5 Page - STMicroelectronics

  STPS41L30CG Datasheet HTML 1Page - STMicroelectronics STPS41L30CG Datasheet HTML 2Page - STMicroelectronics STPS41L30CG Datasheet HTML 3Page - STMicroelectronics STPS41L30CG Datasheet HTML 4Page - STMicroelectronics STPS41L30CG Datasheet HTML 5Page - STMicroelectronics STPS41L30CG Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
STPS41L30CG / STPS41L30CT / STPS41L30CR
5/6
PACKAGE MECHANICAL DATA
I
2PAK
e
D
L
L1
L2
b1
b
b2
E
A
c2
A1
c
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
A1
2.49
2.69
0.098
0.106
b
0.70
0.93
0.028
0.037
b1
1.14
1.17
0.044
0.046
b2
1.14
1.17
0.044
0.046
c
0.45
0.60
0.018
0.024
c2
1.23
1.36
0.048
0.054
D
8.95
9.35
0.352
0.368
e
2.40
2.70
0.094
0.106
E
10.0
10.4
0.394
0.409
L
13.1
13.6
0.516
0.535
L1
3.48
3.78
0.137
0.149
L2
1.27
1.40
0.050
0.055



Html Pages

1 2 3 4 5 6