Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STPS4045CP Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza STPS4045CP
Descripción Electrónicos  POWER SCHOTTKY RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS4045CP Datasheet(HTML) 4 Page - STMicroelectronics

  STPS4045CP Datasheet HTML 1Page - STMicroelectronics STPS4045CP Datasheet HTML 2Page - STMicroelectronics STPS4045CP Datasheet HTML 3Page - STMicroelectronics STPS4045CP Datasheet HTML 4Page - STMicroelectronics STPS4045CP Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PACKAGE MECHANICAL DATA
SOT-93
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.70
4.90 1.185
0.193
C
1.90
2.10 0.075
0.083
D
2.50
0.098
D1
2.00
0.078
E
0.50
0.78 0.020
0.031
F
1.10
1.30 0.043
0.051
F3
1.75
0.069
F4
2.10
0.083
G
10.80
11.10 0.425
0.437
H
14.70
15.20 0.279
0.598
L
12.20
0.480
L2
16.20
0.638
L3
18.0
0.709
L5
3.95
4.15 0.156
0.163
L6
31.00
1.220
O
4.00
4.10 0.157
0.161
STPS4045CP/CW
4/5



Html Pages

1 2 3 4 5