Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU508AF_0708 Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza BU508AF_0708
Descripción Electrónicos  High voltage NPN power transistor for standard definition CRT display
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU508AF_0708 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button BU508AF_0708 Datasheet HTML 3Page - STMicroelectronics BU508AF_0708 Datasheet HTML 4Page - STMicroelectronics BU508AF_0708 Datasheet HTML 5Page - STMicroelectronics BU508AF_0708 Datasheet HTML 6Page - STMicroelectronics BU508AF_0708 Datasheet HTML 7Page - STMicroelectronics BU508AF_0708 Datasheet HTML 8Page - STMicroelectronics BU508AF_0708 Datasheet HTML 9Page - STMicroelectronics BU508AF_0708 Datasheet HTML 10Page - STMicroelectronics BU508AF_0708 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
BU508AF
Package mechanical data
9/11
Dim.
mm.
Min.
Typ
Max.
A5.305.70
C2.80
3.20
D
3.10
3.50
D1
1.802.20
E0.801.10
F0.65
0.95
F2
1.802.20
G10.30
11.50
G1
5.45
H15.30
15.70
L
9
10.20
L2
22.8023.20
L3
26.30
26.70
L4
43.20
44.40
L5
4.304.70
L6
24.30
24.70
L7
14.60
15
N1.802.20
R
3.804.20
Dia3.40
3.80
ISOWATT218FX mechanical data
7627132 B



Html Pages

1 2 3 4 5 6 7 8 9 10 11