| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2N5191 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2N5191 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() June 2007 Rev 3 1/9 9 Table 1. Devices summary Order code Marking Package Packaging 2N5191 2N5191 SOT-32 Tube 2N5192 2N5192 SOT-32 Tube 2N5191 2N5192 NPN power transistors Features ■ NPN transistors Applications ■ Linear and switching industrial equipment Description The devices are manufactured in Planar technology with “Base Island” layout. The resulting transistor shows exceptional high gain performance coupled with very low saturation voltage. The PNP type of 2N5192 is 2N5195. Figure 1. Internal schematic diagram 3 2 1 SOT-32 www.st.com |
Número de pieza similar - 2N5191 |
|
Descripción similar - 2N5191 |