Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N3773 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza 2N3773
Descripción Electrónicos  High power NPN transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N3773 Datasheet(HTML) 5 Page - STMicroelectronics

  2N3773_08 Datasheet HTML 1Page - STMicroelectronics 2N3773_08 Datasheet HTML 2Page - STMicroelectronics 2N3773_08 Datasheet HTML 3Page - STMicroelectronics 2N3773_08 Datasheet HTML 4Page - STMicroelectronics 2N3773_08 Datasheet HTML 5Page - STMicroelectronics 2N3773_08 Datasheet HTML 6Page - STMicroelectronics 2N3773_08 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2N3773
5/7
DIM.
mm.
min.
typ
max.
A11.00
13.10
B0.971.15
C
1.50
1.65
D
8.32
8.92
E19.00
20.00
G
10.70
11.10
N
16.50
17.20
P
25.00
26.00
R
4.00
4.09
U
38.50
39.30
V
30.00
30.30
TO-3 mechanical data
0015923C



Html Pages

1 2 3 4 5 6 7