| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BUL49D Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BUL49D Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 15 page ![]() June 2008 Rev 3 1/15 15 BUL49D BULB49D High voltage fast-switching NPN power transistors Features ■ High voltage capability ■ Low spread of dynamic parameters ■ Minimum lot-to-lot spread for reliable operation ■ Very high switching speed ■ High ruggedness Applications ■ Electronic transformers for halogen lamps ■ Flyback and forward single transistor low power converters Description The devices are manufactured using high voltage multi-epitaxial planar technology for high switching speeds and high voltage capability. The devices are designed for use in electronic transformer for halogen lamps. Figure 1. Internal schematic diagram TO-220 1 2 3 1 2 3 1 3 D2PAK 1 2 3 TO-220FP I2PAK Table 1. Device summary Order code Marking Package Packaging BUL49D BUL49D TO-220 Tube BUL49DFP BUL49DFP TO-220FP Tube BULB49D-1 BULB49D I2PAK Tube BULB49DT4 BULB49D D2PAK Tape and reel www.st.com |
Número de pieza similar - BUL49D |
|
Descripción similar - BUL49D |