Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD29080 Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza LD29080
Descripción Electrónicos  800mA Fixed and adjustable output very low drop voltage regulatorm
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD29080 Datasheet(HTML) 4 Page - STMicroelectronics

  LD29080_07 Datasheet HTML 1Page - STMicroelectronics LD29080_07 Datasheet HTML 2Page - STMicroelectronics LD29080_07 Datasheet HTML 3Page - STMicroelectronics LD29080_07 Datasheet HTML 4Page - STMicroelectronics LD29080_07 Datasheet HTML 5Page - STMicroelectronics LD29080_07 Datasheet HTML 6Page - STMicroelectronics LD29080_07 Datasheet HTML 7Page - STMicroelectronics LD29080_07 Datasheet HTML 8Page - STMicroelectronics LD29080_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Pin configuration
LD29080 series
4/21
2
Pin configuration
* Only for version with inhibit function.
Figure 3.
Pin connections (top view)
DPAK
PPAK
Table 1.
Pin description
Symbol
PPAK
DPAK
VI
21
GND
3
2
VO
43
ADJ/N.C. (1)
5
INHIBIT (2)
1
1.
Not connect for fixed version.
2.
Not internally pulled up; in order to assure the operating condition (device in ON mode), it must be connected to a positive
voltage higher than 2V.
Figure 4.
Application circuit
VO = VREF (1 + R1/R2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21