Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

A5973AD Datasheet(PDF) 16 Page - STMicroelectronics

No. de pieza A5973AD
Descripción Electrónicos  Up to 1.5 A step down switching regulator for automotive applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5973AD Datasheet(HTML) 16 Page - STMicroelectronics

Back Button A5973AD Datasheet HTML 11Page - STMicroelectronics A5973AD Datasheet HTML 12Page - STMicroelectronics A5973AD Datasheet HTML 13Page - STMicroelectronics A5973AD Datasheet HTML 14Page - STMicroelectronics A5973AD Datasheet HTML 15Page - STMicroelectronics A5973AD Datasheet HTML 16Page - STMicroelectronics A5973AD Datasheet HTML 17Page - STMicroelectronics A5973AD Datasheet HTML 18Page - STMicroelectronics A5973AD Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
A5973AD
Package mechanical data
16/19
Figure 12.
Package dimensions
Table 6.
HSOP8 mechanical data
Dim
mm
inch
Min
Typ
Max
Min
Typ
Max
A
1.70
0.0669
A1
0.00
0.10
0.00
0.0039
A2
1.25
0.0492
b
0.31
0.51
0.0122
0.0201
c
0.17
0.25
0.0067
0.0098
D
4.80
4.90
5.00
0.1890
0.1929
0.1969
D1
3
3.1
3.2
0.118
0.122
0.126
E
5.80
6.00
6.20
0.2283
0.2441
E1
3.80
3.90
4.00
0.1496
0.1575
E2
2.31
2.41
2.51
0.091
0.095
0.099
e1.27
h
0.25
0.50
0.0098
0.0197
L
0.40
1.27
0.0157
0.0500
k0
° (min), 8° (max)
ccc
0.10
0.0039



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com