| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STPS0520Z Datasheet(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPS0520Z Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 5 page ![]() STPS0520Z 3/5 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.00 0.05 0.10 0.15 0.20 0.25 IF(av) (A) PF(av)(W) T δ=tp/T tp δ = 0.05 δ = 0.1 δ = 0.2 δ = 0.5 δ = 1 Fig. 1: Average forward power dissipation versus average forward current 0 25 50 75 100 125 0.0 0.1 0.2 0.3 0.4 0.5 0.6 Tamb(°C) IF(av)(A) T δ=tp/T tp Fig. 2: Average forward current versus ambient temperature ( δ = 0.5) 1E-3 1E-2 1E-1 1E+0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 t(s) IM(A) Ta=25°C Ta=50°C Ta=75°C IM t δ=0.5 Fig. 3: Non repetitive surge peak forward current versus overload duration (maximum values). 1E-3 1E-2 1E-1 1E+0 1E+1 1E+2 1E-3 1E-2 1E-1 1E+0 tp(s) Zth(j-a)/Rth(j-a) δ = 0.5 δ = 0.2 δ = 0.1 Single pulse T δ=tp/T tp Fig. 4: Relative variation of thermal impedance junction to ambient versus pulse duration (Epoxy printed circuit board FR4 with recommended pad layout). 0 2 4 6 8 1012 14161820 1E-3 1E-2 1E-1 1E+0 1E+1 2E+1 VR(V) IR(mA) Tj=70°C Tj=25°C Tj=100°C Tj=125°C Fig. 5: Reverse leakage current versus reverse voltage applied (typical values). 0 25 50 75 100 125 1E-1 1E+0 1E+1 1E+2 1E+3 Tj(°C) IR[Tj] / IR[Tj=25°C] VR=VRRM Fig. 6: Relative variation of reverse leakage cur- rent versus junction temperature (typical values). |