| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STPC4HEBI Datasheet(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPC4HEBI Datasheet(HTML) 24 Page - STMicroelectronics |
|
24 / 93 page ![]() PIN DESCRIPTION 24/93 Release 1.5 - January 29, 2002 Table 2-7. Pinout. Pin # Pin name AF3 SYSRSETI# AE4 SYSRSETO# A3 XTALI C4 XTALO G23 HCLK H24 DEV_CLK AD11 DCLK AF15 MCLKI AB23 MCLKO AE16 MA[0] AD15 MA[1] AF16 MA[2] AE17 MA[3] AD16 MA[4] AF17 MA[5] AE18 MA[6] AD17 MA[7] AF18 MA[8]3 AE19 MA[9]3 AE20 MA[10] AC19 MA[11]/BA[0] AF22 CS#[0] AD21 CS#[1] AE24 CS#[2]/MA[11] AD23 CS#[3]/MA[12]/BA[1] AF23 RAS#[0] AD22 RAS#[1] AE21 CAS#[0] AC20 CAS#[1] AF20 DQM#[0] AD19 DQM#[1] AF21 DQM#[2] AD20 DQM#[3] AE22 DQM#[4] AE23 DQM#[5] AF19 DQM#[6] AD18 DQM#[7] AC22 MWE# R1 MD[0]3 T2 MD[1]3 R3 MD[2] T1 MD[3] R4 MD[4] U2 MD[5] T3 MD[6] U1 MD[7] U4 MD[8] V2 MD[9] U3 MD[10] V1 MD[11] W2 MD[12] V3 MD[13] Y2 MD[14] W4 MD[15] Y1 MD[16] W3 MD[17] AA2 MD[18] Y4 MD[19] AA1 MD[20] Y3 MD[21] AB2 MD[22] AB1 MD[23] AA3 MD[24] AB4 MD[25] AC1 MD[26] AB3 MD[27] AD2 MD[28] AC3 MD[29] AD1 MD[30] AF2 MD[31] AF24 MD[32] AE26 MD[33] AD25 MD[34] AD26 MD[35] AC25 MD[36] AC24 MD[37] AC26 MD[38] AB25 MD[39] AB24 MD[40] AB26 MD[41] AA25 MD[42] Y23 MD[43] AA24 MD[44] AA26 MD[45] Y25 MD[46] Y26 MD[47] Y24 MD[48] W25 MD[49]3 V23 MD[50]3 W26 MD[51]3 W24 MD[52]3 V25 MD[53]3 V26 MD[54]3 U25 MD[55]3 V24 MD[56]3 U26 MD[57]3 U23 MD[58]3 Pin # Pin name T25 MD[59]3 U24 MD[60]3 T26 MD[61]3 R25 MD[62]3 R26 MD[63]3 F24 PCI_CLKI D25 PCI_CLKO B20 AD[0] C20 AD[1] B19 AD[2] A19 AD[3] C19 AD[4] B18 AD[5] A18 AD[6] B17 AD[7] C18 AD[8] A17 AD[9] D17 AD[10] B16 AD[11] C17 AD[12] B15 AD[13] A15 AD[14] C16 AD[15] B14 AD[16] D15 AD[17] A14 AD[18] B13 AD[19] D13 AD[20] A13 AD[21] C14 AD[22] B12 AD[23] C13 AD[24] A12 AD[25] C12 AD[26] A11 AD[27] D12 AD[28] B10 AD[29] C11 AD[30] A10 AD[31] D10 CBE[0] C10 CBE[1] A9 CBE[2] B8 CBE[3] A8 FRAME# B7 TRDY# D8 IRDY# A7 STOP# C8 DEVSEL# B6 PAR Pin # Pin name |