| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AAT8660C Datasheet(PDF) 16 Page - Advanced Analog Technology, Inc. |
|
|
|||||||||||||||||||||||||||||
AAT8660C Datasheet(HTML) 16 Page - Advanced Analog Technology, Inc. |
|
16 / 25 page ![]() Advanced Analog Technology, Inc. – 台灣類比科技股份有限公司 – – Advanced Analog Technology, Inc. – Page 16 of 25 V2.0 AAT8660 Series SUMMARY OF AAT8660 DETECTION VOLTAGE AND DELAY TIME (25℃) PARAMETER SYMBOL DEVICE MIN TYP MAX UNIT VD2 AAT8660A VD1+0.3 VD1+0.4 VD1+0.5 V AAT8660B VD1+0.6 VD1+0.7 VD1+0.8 V AAT8660C VD1-0.08 VD1 VD1+0.08 V AAT8660D VD1-0.08 VD1 VD1+0.08 V AAT8660E VD1+0.5 VD1+0.6 VD1+0.7 V AAT8660F VD1+0.3 VD1+0.4 VD1+0.5 V AAT8660G VD1+0.6 VD1+0.7 VD1+0.8 V AAT8660H VD1-0.08 VD1 VD1+0.08 V AAT8660I VD1-0.08 VD1 VD1+0.08 V AAT8660J VD1-0.08 VD1 VD1+0.08 V Over Discharge Release Voltage AAT8660K VD1+0.5 VD1+0.6 VD1+0.7 V tC1 AAT8660A 0.700 1 1.300 s AAT8660B 0.088 0.125 0.163 s AAT8660C 0.700 1 1.300 s AAT8660D 0.700 1 1.300 s AAT8660E 0.700 1 1.300 s AAT8660F 0.700 1 1.300 s AAT8660G 0.088 0.125 0.163 s AAT8660H 0.700 1 1.300 s AAT8660I 0.700 1 1.300 s AAT8660J 0.700 1 1.300 s Over Charge Delay Time AAT8660K 0.700 1 1.300 s tD1 AAT8660A 87.5 125 162.5 ms AAT8660B 22.4 32 41.6 ms AAT8660C 87.5 125 162.5 ms AAT8660D 87.5 125 162.5 ms AAT8660E 87.5 125 162.5 ms AAT8660F 87.5 125 162.5 ms AAT8660G 22.4 32 41.6 ms AAT8660H 87.5 125 162.5 ms AAT8660I 87.5 125 162.5 ms AAT8660J 87.5 125 162.5 ms Over Discharge Delay Time AAT8660K 87.5 125 162.5 ms |