Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STV2310 Datasheet(PDF) 35 Page - STMicroelectronics

No. de pieza STV2310
Descripción Electrónicos  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 31Page - STMicroelectronics STV2310 Datasheet HTML 32Page - STMicroelectronics STV2310 Datasheet HTML 33Page - STMicroelectronics STV2310 Datasheet HTML 34Page - STMicroelectronics STV2310 Datasheet HTML 35Page - STMicroelectronics STV2310 Datasheet HTML 36Page - STMicroelectronics STV2310 Datasheet HTML 37Page - STMicroelectronics STV2310 Datasheet HTML 38Page - STMicroelectronics STV2310 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 112 page
background image
35/112
STV2310
Functional Description
Blanking
Blanking
Field 1
Active video in active line section
Blanking code (80 10) also in active line section
Digital Output Frame Overview for Output Standard 2
H=0 SAV
H=1 EAV
line 1 V=1
line 23 (V=0)
line 311 (V=1)
line 336 (V=0)
line 625 (V=1)
Blanking code (80 10) also in active line section
Active video in active line section
Active Video
Field 2
Active Video
Field 1
(F=0)
Odd
line 1
line 313
line 625
Field 2
(F=1)
Even
1728 bytes
Note that the vertical blanking interval has been extended from line 1 to line 22 included (transition
from Field 2 to Field 1 of next Frame) and from line 311 to line 335 included (transition from Field 1 to
Field 2)
The V and H signals change synchronously with the output pixel clock.
The F signal is given as an indication. It is not output
line 624 (V=1)
Blanking