Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFEC3 Datasheet(PDF) 33 Page - Lattice Semiconductor

No. de pieza LFEC3
Descripción Electrónicos  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LATTICE [Lattice Semiconductor]
Página de inicio  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC3 Datasheet(HTML) 33 Page - Lattice Semiconductor

Back Button LFEC3 Datasheet HTML 29Page - Lattice Semiconductor LFEC3 Datasheet HTML 30Page - Lattice Semiconductor LFEC3 Datasheet HTML 31Page - Lattice Semiconductor LFEC3 Datasheet HTML 32Page - Lattice Semiconductor LFEC3 Datasheet HTML 33Page - Lattice Semiconductor LFEC3 Datasheet HTML 34Page - Lattice Semiconductor LFEC3 Datasheet HTML 35Page - Lattice Semiconductor LFEC3 Datasheet HTML 36Page - Lattice Semiconductor LFEC3 Datasheet HTML 37Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 163 page
background image
2-30
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Typical I/O Behavior During Power-up
The internal power-on-reset (POR) signal is deactivated when VCC and VCCAUX have reached satisfactory levels.
After the POR signal is deactivated, the FPGA core logic becomes active. It is the user’s responsibility to ensure
that all other VCCIO banks are active with valid input logic levels to properly control the output logic states of all the
I/O banks that are critical to the application. For more information about controlling the output logic state with valid
input logic levels during power-up in LatticeECP/EC devices, see the list of technical documentation at the end of
this data sheet.
The VCC and VCCAUX supply the power to the FPGA core fabric, whereas the VCCIO supplies power to the I/O buff-
ers. In order to simplify system design while providing consistent and predictable I/O behavior, it is recommended
that the I/O buffers be powered-up prior to the FPGA core fabric. VCCIO supplies should be powered-up before or
together with the VCC and VCCAUX supplies.
Supported Standards
The LatticeECP/EC sysI/O buffer supports both single-ended and differential standards. Single-ended standards
can be further subdivided into LVCMOS, LVTTL and other standards. The buffers support the LVTTL, LVCMOS 1.2,
1.5, 1.8, 2.5 and 3.3V standards. In the LVCMOS and LVTTL modes, the buffer has individually configurable
options for drive strength, bus maintenance (weak pull-up, weak pull-down, or a bus-keeper latch) and open drain.
Other single-ended standards supported include SSTL and HSTL. Differential standards supported include LVDS,
BLVDS, LVPECL, RSDS, differential SSTL and differential HSTL. Tables 2-13 and 2-14 show the I/O standards
(together with their supply and reference voltages) supported by the LatticeECP/EC devices. For further informa-
tion about utilizing the sysI/O buffer to support a variety of standards please see the the list of technical information
at the end of this data sheet.
Table 2-13. Supported Input Standards
Input Standard
VREF (Nom.)
VCCIO
1 (Nom.)
Single Ended Interfaces
LVTTL
—
—
LVCMOS33
2
——
LVCMOS25
2
——
LVCMOS18
—
1.8
LVCMOS15
—
1.5
LVCMOS12
2
——
PCI
—
3.3
HSTL18 Class I, II
0.9
—
HSTL18 Class III
1.08
—
HSTL15 Class I
0.75
—
HSTL15 Class III
0.9
—
SSTL3 Class I, II
1.5
—
SSTL2 Class I, II
1.25
—
SSTL18 Class I
0.9
—
Differential Interfaces
Differential SSTL18 Class I
—
—
Differential SSTL2 Class I, II
—
—
Differential SSTL3 Class I, II
—
—
Differential HSTL15 Class I, III
—
—
Differential HSTL18 Class I, II, III
—
—
LVDS, LVPECL, BLVDS, RSDS
—
—
1. When not specified VCCIO can be set anywhere in the valid operating range.
2. JTAG inputs do not have a fixed threshold option and always follow VCCJ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com