| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM15T39A Datasheet(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SM15T39A Datasheet(HTML) 6 Page - STMicroelectronics |
|
6 / 9 page ![]() Package mechanical data SM15T 6/9 3 Package mechanical data ● Case: JEDEC DO-214AB molded plastic over Planar junction ● Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 ● Polarity: For unidirectional types the band indicates cathode ● Flammability: Epoxy is rated UL94V-0 ● RoHS package Table 4. SMC dimensions Ref. Dimensions Millimeters Inches Min. Max. Min. Max. A1 1.90 2.45 0.075 0.096 A2 0.05 0.20 0.002 0.008 b 2.90 3.2 0.114 0.126 c 0.15 0.41 0.006 0.016 E 7.75 8.15 0.305 0.321 E1 6.60 7.15 0.260 0.281 E2 4.40 4.70 0.173 0.185 D 5.55 6.25 0.218 0.246 L 0.75 1.60 0.030 0.063 Figure 9. Footprint dimensions (millimeter) Figure 10. Marking layout E C L E2 E1 D A1 A2 b 4.25 8.65 2.20 3.30 2.20 y w w e3 z x x x e3: ECOPACK ( Leadfree) XXX: Marking Z: Manufacturing location Y: Year WW: week Cathode bar (unidirectional devices only ) |