Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PM6680 Datasheet(PDF) 20 Page - STMicroelectronics

No. de pieza PM6680
Descripción Electrónicos  No Rsense dual step-down controller with adjustable voltages for notebook system power
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PM6680 Datasheet HTML 16Page - STMicroelectronics PM6680 Datasheet HTML 17Page - STMicroelectronics PM6680 Datasheet HTML 18Page - STMicroelectronics PM6680 Datasheet HTML 19Page - STMicroelectronics PM6680 Datasheet HTML 20Page - STMicroelectronics PM6680 Datasheet HTML 21Page - STMicroelectronics PM6680 Datasheet HTML 22Page - STMicroelectronics PM6680 Datasheet HTML 23Page - STMicroelectronics PM6680 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
Block diagram
PM6680
20/49
6
Block diagram
Figure 27.
Functional block diagram
CSENSE2
PGOOD2
NC
LGATE2
LDO5 ENABLE
5V
LINEAR
REGULATOR
REFERENCE
GENERATOR
OUT1
SMPS
CONTROLLER
FREQUENCY
SELECTOR
LEVEL
SHIFTER
STARTUP
CONTROLLER
TERMIC
CONTROLLER
+
-
+
-
4V
UVLO
VREF
LDO5
4.8V
UVLO
V5SW
FB2
OUT2
SKIP
OUT2
SMPS
CONTROLLER
FSEL
HGATE2
BOOT2
PHASE2
LEVEL
SHIFTER
HGATE1
BOOT1
PHASE1
OUT1
COMP2
LDO5
CSENSE1
COMP1
LGATE1
LDO5
PGOOD1
SHDN
EN2
UVLO
LDO5 ENABLE
EN1
TERMIC
FAULT
VREF
VIN
FB1
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com