Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XC6216BC01PR Datasheet(PDF) 33 Page - Torex Semiconductor

No. de pieza XC6216BC01PR
Descripción Electrónicos  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216BC01PR Datasheet(HTML) 33 Page - Torex Semiconductor

Back Button XC6216BC01PR Datasheet HTML 29Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 30Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 31Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 32Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 33Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 34Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 35Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 36Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 37Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
33/41
XC6216/XE6216
Series
XC6216B/C/D 202
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Frequency : f (kHz)
VIN=4.0Vdc+0.5Vp-p, IOUT=1mA
CL=1μF (ceramic),Ta=25℃
XC6216B/C/D 202
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Frequency : f (kHz)
VIN=4.0Vdc+0.5Vp-p, IOUT=30mA
CL=1μF (ceramic),Ta=25℃
Ripple Frequency: f (kHz)
Ripple Frequency: f (kHz)
XC6216B/D 332
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Frequency : f (kHz)
VIN=5.3Vdc+0.5Vp-p, IOUT=1mA
CL=1μF (ceramic),Ta=25℃
XC6216B/D 332
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Frequency : f (kHz)
VIN=4.0Vdc+0.5Vp-p, IOUT=30mA
CL=1μF (ceramic),Ta=25℃
Ripple Frequency: f (kHz)
Ripple Frequency: f (kHz)
XC6216B/D 502
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Frequency : f (kHz)
VIN=7.0Vdc+0.5Vp-p, IOUT=1mA
CL=1μF (ceramic),Ta=25℃
XC6216B/D 502
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Frequency : f (kHz)
VIN=7.0Vdc+0.5Vp-p, IOUT=30mA
CL=1μF (ceramic),Ta=25℃
Ripple Frequency: f (kHz)
Ripple Frequency: f (kHz)
■ TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) Ripple Rejection Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com