| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M54HC4072D1 Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M54HC4072D1 Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 9 page ![]() M54HC4072 2/9 Figure 1: IEC Logic Symbols Figure 2: Input And Output Equivalent Circuit Table 1: Pin Description Table 2: Truth Table Table 3: Absolute Maximum Ratings Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied PIN N° SYMBOL NAME AND FUNCTION 2, 3, 4, 5 1A to 1D Data Inputs 9, 10, 11, 12 2A to 2D Data Inputs 1, 13 1Y to 2Y Data Outputs 7 GND Ground (0V) 14 VCC Positive Supply Voltage ABCD Y LLLLL H XXX H XHX X H XX H X H XXX H H Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7 V VI DC Input Voltage -0.5 to VCC +0.5 V VO DC Output Voltage -0.5 to VCC +0.5 V IIK DC Input Diode Current ± 20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Current ± 25 mA ICC or IGND DC VCC or Ground Current ± 50 mA PD Power Dissipation 300 mW Tstg Storage Temperature -65 to +150 °C TL Lead Temperature (10 sec) 265 °C |