Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M48T35-70PC6F Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza M48T35-70PC6F
Descripción Electrónicos  5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35-70PC6F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M48T35-70PC6F Datasheet HTML 6Page - STMicroelectronics M48T35-70PC6F Datasheet HTML 7Page - STMicroelectronics M48T35-70PC6F Datasheet HTML 8Page - STMicroelectronics M48T35-70PC6F Datasheet HTML 9Page - STMicroelectronics M48T35-70PC6F Datasheet HTML 10Page - STMicroelectronics M48T35-70PC6F Datasheet HTML 11Page - STMicroelectronics M48T35-70PC6F Datasheet HTML 12Page - STMicroelectronics M48T35-70PC6F Datasheet HTML 13Page - STMicroelectronics M48T35-70PC6F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Operation modes
M48T35 M48T35Y
10/29
WRITE Cycles to avoid bus contention; although, if the output bus has been activated by a
low on E and G, a low on W will disable the outputs tWLQZ after W falls.
Figure 6.
Write enable controlled, write AC waveform
Figure 7.
Chip enable controlled, write AC waveforms
AI00926
tAVAV
tWHAX
tDVWH
DATA INPUT
A0-A14
E
W
DQ0-DQ7
VALID
tAVWH
tAVEL
tWLWH
tAVWL
tWLQZ
tWHDX
tWHQX
AI00927
tAVAV
tEHAX
tDVEH
A0-A14
E
W
DQ0-DQ7
VALID
tAVEH
tAVEL
tAVWL
tELEH
tEHDX
DATA INPUT
Table 4.
Write mode AC characteristics
Symbol
Parameter(1)
M48T35/Y
Unit
Min
Max
tAVAV
WRITE Cycle Time
70
ns
tAVWL
Address Valid to WRITE Enable Low
0
ns
tAVEL
Address Valid to Chip Enable Low
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29