Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LRIS2K-W4 Datasheet(PDF) 24 Page - STMicroelectronics

No. de pieza LRIS2K-W4
Descripción Electrónicos  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K-W4 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LRIS2K-W4 Datasheet HTML 20Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 21Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 22Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 23Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 24Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 25Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 26Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 27Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 102 page
background image
Data rate and data coding
LRIS2K
24/102
5.3
VCD to LRIS2K frames
Frames are delimited by a start of frame (SOF) and an end of frame (EOF). They are
implemented using code violation. Unused options are reserved for future use.
The LRIS2K is ready to receive a new command frame from the VCD 311.5 µs (t2) after
sending a response frame to the VCD.
The LRIS2K takes a power-up time of 0.1 ms after being activated by the powering field.
After this delay, the LRIS2K is ready to receive a command frame from the VCD.
5.4
Start of frame (SOF)
The SOF defines the data coding mode the VCD is to use for the following command frame.
The SOF sequence described in Figure 9 selects the 1 out of 256 data coding mode. The
SOF sequence described in Figure 10 selects the 1 out of 4 data coding mode. The EOF
sequence for either coding mode is described in Figure 11.
Figure 9.
SOF to select 1 out of 256 data coding mode
Figure 10.
SOF to select 1 out of 4 data coding mode
AI06661
37.76µs
9.44µs
9.44µs
37.76µs
AI06660
37.76µs
9.44µs
9.44µs
37.76µs
9.44µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More