Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L4976 Datasheet(PDF) 12 Page - STMicroelectronics

No. de pieza L4976
Descripción Electrónicos  1A step down switching regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4976 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L4976_07 Datasheet HTML 8Page - STMicroelectronics L4976_07 Datasheet HTML 9Page - STMicroelectronics L4976_07 Datasheet HTML 10Page - STMicroelectronics L4976_07 Datasheet HTML 11Page - STMicroelectronics L4976_07 Datasheet HTML 12Page - STMicroelectronics L4976_07 Datasheet HTML 13Page - STMicroelectronics L4976_07 Datasheet HTML 14Page - STMicroelectronics L4976_07 Datasheet HTML 15Page - STMicroelectronics L4976_07 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Package mechanical data
L4976
12/17
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17