Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M54HC14D1 Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza M54HC14D1
Descripción Electrónicos  RAD-HARD DUAL BINARY COUNTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC14D1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M54HC14D1 Datasheet HTML 4Page - STMicroelectronics M54HC14D1 Datasheet HTML 5Page - STMicroelectronics M54HC14D1 Datasheet HTML 6Page - STMicroelectronics M54HC14D1 Datasheet HTML 7Page - STMicroelectronics M54HC14D1 Datasheet HTML 8Page - STMicroelectronics M54HC14D1 Datasheet HTML 9Page - STMicroelectronics M54HC14D1 Datasheet HTML 10Page - STMicroelectronics M54HC14D1 Datasheet HTML 11Page - STMicroelectronics M54HC14D1 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
M54HC393
9/12
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.1
22.54
0.083
0.100
a1
3.00
3.70
0.118
0.146
a2
0.63
0.88
1.14
0.025
0.035
0.045
B
1.82
2.03
2.39
0.072
0.080
0.094
b
0.40
0.45
0.50
0.016
0.018
0.020
b1
0.20
0.254
0.30
0.008
0.010
0.012
D
18.79
19.00
19.20
0.740
0.748
0.756
e
7.36
7.62
7.87
0.290
0.300
0.310
e1
2.54
0.100
e2
15.11
15.24
15.37
0.595
0.600
0.605
e3
7.62
7.87
8.12
0.300
0.310
0.320
F
7.11
7.75
0.280
0.305
I
3.70
0.146
K
10.90
12.1
0.429
0.476
L
1.14
1.27
1.5
0.045
0.050
0.059
DILC-14 MECHANICAL DATA
0016173H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12