| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCF4093 Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4093 Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 13 page ![]() Maximum ratings HCF4093 4/13 2 Maximum ratings Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality documents. 2.1 Recommended operating conditions Table 4. Absolute maximum ratings Symbol Parameter Value Unit VDD Supply voltage -0.5 to + 22 V VI DC Input voltage -0.5 to VDD + 0.5 V II DC Input current ± 10 mA PD Power dissipation per package 200 mW Power dissipation per output transistor 100 mW Top Operating temperature -55 to +125 °C Tstg Storage temperature -65 to +150 °C Table 5. Recommended operating conditions Symbol Parameter Value Unit VDD Supply voltage 3 to 20 V VI Input voltage 0 to VDD V Top Operating temperature -55 to 125 °C |