Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VHC244 Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza 74VHC244
Descripción Electrónicos  OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC244 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button 74VHC244_04 Datasheet HTML 4Page - STMicroelectronics 74VHC244_04 Datasheet HTML 5Page - STMicroelectronics 74VHC244_04 Datasheet HTML 6Page - STMicroelectronics 74VHC244_04 Datasheet HTML 7Page - STMicroelectronics 74VHC244_04 Datasheet HTML 8Page - STMicroelectronics 74VHC244_04 Datasheet HTML 9Page - STMicroelectronics 74VHC244_04 Datasheet HTML 10Page - STMicroelectronics 74VHC244_04 Datasheet HTML 11Page - STMicroelectronics 74VHC244_04 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
74VHC244
8/12
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.2
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.8
1
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.0079
D
6.4
6.5
6.6
0.252
0.256
0.260
E
6.2
6.4
6.6
0.244
0.252
0.260
E1
4.3
4.4
4.48
0.169
0.173
0.176
e
0.65 BSC
0.0256 BSC
K0˚
8˚
0˚
8˚
L
0.45
0.60
0.75
0.018
0.024
0.030
TSSOP20 MECHANICAL DATA
c
E
b
A2
A
E1
D
1
PIN 1 IDENTIFICATION
A1
L
K
e
0087225C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12