Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS431IZ-AP Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza TS431IZ-AP
Descripción Electrónicos  Low voltage adjustable shunt reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS431IZ-AP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS431IZ-AP Datasheet HTML 4Page - STMicroelectronics TS431IZ-AP Datasheet HTML 5Page - STMicroelectronics TS431IZ-AP Datasheet HTML 6Page - STMicroelectronics TS431IZ-AP Datasheet HTML 7Page - STMicroelectronics TS431IZ-AP Datasheet HTML 8Page - STMicroelectronics TS431IZ-AP Datasheet HTML 9Page - STMicroelectronics TS431IZ-AP Datasheet HTML 10Page - STMicroelectronics TS431IZ-AP Datasheet HTML 11Page - STMicroelectronics TS431IZ-AP Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TS431
Package information
9/12
3.2
TO92 (tape ammo pack and tape & reel) package data
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
AL
5.0
0.197
A
5.0
0.197
T
4.0
0.157
d
0.45
0.018
I1
2.5
0.098
P
11.7
12.7
13.7
0.461
0.500
0.539
PO
12.4
12.7
13
0.488
0.500
0.512
P2
5.95
6.35
6.75
0.234
0.250
0.266
F1/F2
2.4
2.5
2.8
0.094
0.098
0.110
Δh
-1
0
1
-0.039
0
0.039
ΔP
-1
0
1
-0.039
0
0.039
W
17.5
18.0
19.0
0.689
0.709
0.748
W0
5.7
6
6.3
0.224
0.236
0.248
W1
8.5
9
9.75
0.335
0.354
0.384
W2
0.5
0.020
H20
0.787
H0
15.5
16
16.5
0.610
0.630
0.650
H1
25
0.984
DO
3.8
4.0
4.2
0.150
0.157
0.165
L1
11
0.433
A1
P
P
T
H
d
D0
F1 F2
P2
P0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12