Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM6905SFEDS6F Datasheet(PDF) 14 Page - STMicroelectronics

No. de pieza STM6905SFEDS6F
Descripción Electrónicos  Quintuple, ultralow voltage supervisor with push-button reset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6905SFEDS6F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM6905SFEDS6F Datasheet HTML 10Page - STMicroelectronics STM6905SFEDS6F Datasheet HTML 11Page - STMicroelectronics STM6905SFEDS6F Datasheet HTML 12Page - STMicroelectronics STM6905SFEDS6F Datasheet HTML 13Page - STMicroelectronics STM6905SFEDS6F Datasheet HTML 14Page - STMicroelectronics STM6905SFEDS6F Datasheet HTML 15Page - STMicroelectronics STM6905SFEDS6F Datasheet HTML 16Page - STMicroelectronics STM6905SFEDS6F Datasheet HTML 17Page - STMicroelectronics STM6905SFEDS6F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Package mechanical data
STM6905
14/19
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 7.
TSSOP8, 3 x 3mm, package mechanical outline
E3_ME
1
8
ccc
c
L
E
E1
D
A2
A
k
e
b
4
5
A1
L1
L2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19